Part Number Hot Search : 
MSM6950B 25HF120 LL55C3V9 B4146 BUX77 AM79R79 74HC74 N60C3
Product Description
Full Text Search
 

To Download EPC3009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coupled Inductor
E L E CT R O N I C S I N C .
EPC3009
* 200 KHz Switching Frequency * * Coupled Inductor used in forward converter topology *
Primary Specification
Inductance (H 15%) @ 10 KHz 0.1 Vrms 97.2 Pins 5-10 Pins 5-10 Pins 4-9 Pins 2-7 Pins 1-6 Pins 3-8 .176 .128 DCR ( Max.) 1.9 1.9 .220
Magnetic Design @ V in : 18-36 V * V out , I out see below *
Core Loss (mW) Inductance Change @ .20 Adc Turns Ratio Temperature Rise C Typ.
19
5% Max Pins 5-10
1:1 Pins 1-6: 2-7
1:0.486 Pins 1-6: 3-8
1:0.351 Pins 1-6: 4-9
1:0.486 Pins 1-6: 5-10
19
Schematic Package
A 10
PCA EPC3009 D.C. +5 V 5 200 mA 10 +3.3 V 4
1
D 6
5
1.1 A +12 V 150 mA
9 2
B
G
5
1
10
6
F
7 -12 V 1 150 mA 6 3 -5 V 100 mA 8
Dimensions
Dim. Min. ----------------.100 ------(Inches) Max. Nom. .560 .560 .520 ----------.130 ------------.400 .039 .100 .400 .024 .115 .039 .100 .400 (Millimeters) Min. Max. Nom. ----------------2.54 ------14.22 14.22 13.21 ----------3.30 ------------10.16 1.0 2.54 10.16 .60 2.92 1.0 2.54 10.16
C E
Q
J H
M
N
A B C D E F G H J M N Q
PCA ELECTRONICS, INC. 6799 SCHOENBORN ST. NORTH HILLS, CA 91343
CSC3009
Rev. -
5/18/01
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pcainc.com


▲Up To Search▲   

 
Price & Availability of EPC3009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X